Part Number Hot Search : 
3EH73ZQD 120EI DTS6504 18LF2 2SD428 0100A AN4233 2PF140
Product Description
Full Text Search
 

To Download AGQ200A4HZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GQ
TESTING
ULTRA-SMALL PACKAGE FLAT POLARIZED RELAY
GQ-RELAYS
Due to highly efficient magnetic circuit design, leakage flux is reduced and changes in electrical characteristics from components being mounted close-together are minimized. This all means a packaging density higher than ever before. * Nominal operating power: 140 mW * Outstanding vibration and shock resistance. Functional shock resistance: 750 m/s2 {75G} Destructive shock resistance: 1,000 m/s2 {100G} Functional vibration resistance: 10 to 55 Hz (at double amplitude of 3.3 mm .130 inch) Destructive vibration resistance: 10 to 55 Hz (at double amplitude of 5 mm .197 inch)
FEATURES
10.600.3 .417.012 7.200.3 .283.012 5.200.2 .205.008
10.600.3 .417.012
7.200.3 .283.012 Max.5.40 .213
mm inch
* Compact flat body saves space With a small footprint of 10.6 mm (L) x 7.2 mm (W) .417 inch (L) x .283 inch (W) for space savings, it also has a very short height of 5.2 mm .205 inch. (Standard PC board type.) * Outstanding surge resistance. Surge withstand between open contacts: 1,500 V 10x160 s (FCC part 68) Surge withstand between contacts and coil: 2,500 V 2x10 s (Bellcore) * The use of twin crossbar contacts ensures high contact reliability. AgPd contact is used because of its good sulfide resistance. Adopting low-gas molding material. Coil assembly molding technology which avoids generating volatile gas from coil. * Increased packaging density
SPECIFICATIONS
Contact
Arrangement Initial contact resistance, max. (By voltage drop 6 V DC 1A ) Contact material Nominal switching capacity (resistive load) Max. switching power (resistive load) Max. switching voltage Max. switching current Min. switching capacity f1 Single side stable 1 coil latching Mechanical (at 180 cpm) 1 A 30 V DC resistive Electrical (at 20 cpm) 0.3 A 125 V AC resistive 2 Form C 100 m Stationary: AgPd+Au clad Movable: AgPd 1 A 30 V DC 0.3 A 125 V AC 30 W, 37.5 V A 110 V DC, 125 V AC 1A 10 A 10 mV DC 140mW (1.5 to 12 V DC) 230mW (24 V DC) 100mW (1.5 to 12 V DC) 120mW (24 V DC) 5 x 107 105 105
Characteristics
Initial insulation resistance*1 Min. 1,000M (at 500V DC) Between open contacts 750 Vrms for 1min. Initial breakdown Between contact sets 1,000 Vrms for 1min. voltage*2 Between contacts and coil 1,500 Vrms for 1min. Between open contacts 1,500 V(FCC Part 68) Initial surge (10x160 s) voltage Between contacts and coil 2,500 V(Bellcore) (2x10 s) Max. 4 ms (Approx. 2 ms) Operate time [Set time]*3 (at 20C) [Max. 4 ms (Approx. 2 ms)] Release time (without diode) Max. 4 ms (Approx. 1 ms) [Reset time]*3 (at 20C) [Max. 4 ms (Approx. 2 ms)] Temperature rise*4 (at 20C) Max. 50C Functional*5 Min. 750 m/s2{75G] Shock resistance Destructive*6 Min. 1,000 m/s2{100G] 10 to 55 Hz at double Functional*7 amplitude of 3.3 mm Vibration resistance 10 to 55 Hz at double Destructive amplitude of 5 mm Conditions for opera- Ambient -40C to 85C tion, transport and temperature f2 -40F to 185F storage*8 (Not freezing and conHumidity 5 to 85% R.H. densing at low temperature) Unit weight Approx. 1 g .035 oz Notes:
f1 This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the actual load. f2 The upper limit for the ambient temperature is the maximum temperature that can satisfy the coil temperature rise. Under the packing condition, allowable temperature range is from -40 to +70C -40 to +158F.
Rating
Nominal operating power
Expected life (min. operations) Remarks:
* Specifications will vary with foreign standards certification ratings. *1 Measurement at same location as "Initial breakdown voltage" section. *2 Detection current: 10mA. *3 Nominal voltage applied to the coil, excluding contact bounce time. *4 By resistive method, nominal voltage applied to the coil; contact carrying current: 1 A. *5 Half-wave pulse of sine wave: 6 ms;detection time: 10s. 6 Half-wave pulse of sine wave: 6 ms. * *7 Detection time: 10s. *8 Refer to 5. Conditions for operation, transport and storage mentioned in AMBIENT ENVIRONMENT (Page 61)
129
GQ
TYPICAL APPLICATIONS
* Telephone exchange, transmission equipment * Communications devices * Measurement devices * Home appliances, and audio/visual equipment * Handheld and portable products
ORDERING INFORMATION
Ex. AGQ Contact arrangement Operating function 2: 2 Form C 0: Single side stable 1: 1 coil latching 2 0 0 A 1 H Z Coil voltage (DC) 1H: 1.5V 03 : 3V 4H: 4.5V 06 : 6V 09 : 9V 12 : 12V 24 : 24V Packing style Nil: Tube packing Z: Tape and reel packing (piked from 5/6/7/8 pin side)
Type of operation 0: Standard type (B.B.M.)
Terminal shape Nil: Standard PC board terminal A: Surface-mount terminal A type S: Surface-mount terminal S type
Note: Tape and reel packing symbol "-Z" is not marked on the relay. "X" type tape and reel packing (picked from 1/2/3/4-pin side) is also available. Suffix "X" instead of "Z".
TYPES AND COIL DATA (at 20C 68F)
(1) Standard PC board terminal
Part No. Operating Function Standard PC board terminal AGQ2001H AGQ20003 AGQ2004H AGQ20006 AGQ20009 AGQ20012 AGQ20024 Part No. Operating Function Standard PC board terminal AGQ2101H AGQ21003 AGQ2104H AGQ21006 AGQ21009 AGQ21012 AGQ21024 Coil Rating, V DC 1.5 3 4.5 6 9 12 24 Coil Rating, V DC 1.5 3 4.5 6 9 12 24 Pick-up voltage, V DC (max.) (initial) 1.13 2.25 3.38 4.5 6.75 9 18 Set voltage, V DC (max.) (initial) 1.13 2.25 3.38 4.5 6.75 9 18 Drop-out voltage, V DC (min.) (initial) 0.15 0.3 0.45 0.6 0.9 1.2 2.4 Reset voltage, V DC (max.) (initial) 1.13 2.25 3.38 4.5 6.75 9 18 Nominal operating current, mA (10%) 93.8 46.7 31 23.3 15.5 11.7 9.6 Nominal operating current, mA (10%) 66.7 33.3 22.2 16.7 11.1 8.3 5.0 Coil resistance, (10%) 16 64.2 145 257 579 1,028 2,504 Coil resistance, (10%) 22.5 90 202.5 360 810 1,440 4,800 Nominal operating power, mW 140 140 140 140 140 140 230 Nominal operating power, mW 100 100 100 100 100 100 120 Max. allowable voltage, V DC 2.25 4.5 6.75 9 13.5 18 28.8 Max. allowable voltage, V DC 2.25 4.5 6.75 9 13.5 18 36
Single side stable
1 coil latching
1) Standard packing: 50 pcs. in an inner package (tube); 1,000 pcs. in an outer package 2) Specified value of pick-up, drop-out, set and reset voltage is with the condition of square wave coil pulse.
(2) Surface-mount terminal
Part No. Operating Function Tube packing AGQ200r1H AGQ200r03 AGQ200r4H AGQ200r06 AGQ200r09 AGQ200r12 AGQ200r24 Tape and reel packing AGQ200r1HZ AGQ200r03Z AGQ200r4HZ AGQ200r06Z AGQ200r09Z AGQ200r12Z AGQ200r24Z Coil Rating, V DC 1.5 3 4.5 6 9 12 24 Pick-up voltage, V DC (max.) (initial) 1.13 2.25 3.38 4.5 6.75 9 18 Drop-out voltage, V DC (min.) (initial) 0.15 0.3 0.45 0.6 0.9 1.2 2.4 Nominal operating current, mA (10%) 93.8 46.7 31 23.3 15.5 11.7 9.6 Coil resistance, (10%) 16 64.2 145 257 579 1,028 2,504 Nominal operating power, mW 140 140 140 140 140 140 230 Max. allowable voltage, V DC 2.25 4.5 6.75 9 13.5 18 28.8
Single side stable
r: For each surface-mounted terminal variation, input the following letter. A type: A, S type: S 1) Standard packing: 50 pcs.(tube), 900pcs. (tape and reel)in an inner package; 1,000 pcs.(tube), 1,800pcs. (tape and reel)in an outer package 2) Specified value of pick-up, drop-out, set and reset voltage is with the condition of square wave coil pulse.
130
GQ
Part No. Operating Function Tube packing AGQ210r1H AGQ210r03 AGQ210r4H AGQ210r06 AGQ210r09 AGQ210r12 AGQ210r24 Tape and reel packing AGQ210r1HZ AGQ210r03Z AGQ210r4HZ AGQ210r06Z AGQ210r09Z AGQ210r12Z AGQ210r24Z Coil Rating, V DC 1.5 3 4.5 6 9 12 24 Set voltage, V DC (max.) (initial) 1.13 2.25 3.38 4.5 6.75 9 18 Reset voltage, V DC (max.) (initial) 1.13 2.25 3.38 4.5 6.75 9 18 Nominal operating current, mA (10%) 66.7 33.3 22.2 16.7 11.1 8.3 5.0 Coil resistance, (10%) 22.5 90 202.5 360 810 1,440 4,800 Nominal operating power, mW 100 100 100 100 100 100 120 Max. allowable voltage, V DC 2.25 4.5 6.75 9 13.5 18 36
1 coil latching
r: For each surface-mounted terminal variation, input the following letter. A type: A, S type: S 1) Standard packing: 50 pcs.(tube), 900pcs. (tape and reel)in an inner package; 1,000 pcs.(tube), 1,800pcs. (tape and reel)in an outer package 2) Specified value of pick-up, drop-out, set and reset voltage is with the condition of square wave coil pulse.
DIMENSIONS
1. PC board terminal
10.600.3 .417.012 5.200.2 .205.008 7.200.3 .283.012 3.20 .126 0.400.1 .016.004 3.200.15 .126.006 0.200.1 .008.004 5.080.15 .200.006
mm inch PC board pattern Schematic (Bottom view)
Single side stable (Deenergized condition)
1 234
2.20 .087 2.20 .087 5.08 .200
1 coil latching (Reset condition)
1 234
2.200.15 .087.006 3.500.3 2.200.15 .138.012 .087.006
8
765
8
765
8-0.85 dia. 8-.033 dia.
Direction indication
Direction indication
Tolerance: 0.1 .004 Suggested mounting pad
Single side stable/ 1 coil latching
2. Surface-mount terminal 1) A type
Max. 5.40 .213 10.600.3 .417.012 7.200.3 .283.012
Schematic (Top view)
Single side stable (Deenergized condition)
8 765
1 coil latcing (Reset condition)
8 765
3.20 .126 0.400.1 .016.004 3.200.15 .126.006 2.200.15 .087.006 2.200.15 .087.006 0.200.1 .008.004 5.080.15 .200.006 8.400.3 .331.012
2.20 .087 2.20 .087 2.66 6.74 .105 .265 0.80 .031
1
234
1
234
Direction indication
Direction indication
Suggested mounting pad
1) S type
Max. 5.40 .213 10.600.3 .417.012 7.200.3 .283.012
Single side stable/ 1 coil latching
3.20 .126 2.200.15 .087.006 2.200.15 .087.006 0.200.1 .008.004 5.080.15 .200.006 7.200.3 .283.012 0.80 .031 2.20 .087 2.20 .087 2.06 .081 6.14 .242
0.400.1 .016.004 3.200.15 .126.006
Tolerance: 0.1 .004
REFERENCE DATA
1. Max. switching capacity
DC resistive load AC resistive load
2. Life curve
100 No. of operations, x 104
Switching current, A
1.0
50 40 30 DC 30V resistive load 20
0.3
10
AC 125V resistive load
30
100 Contact voltage, V
0
0.2
0.4
0.6
0.8
1.0
1.2
Switching current, A
131
GQ
NOTES
1. Coil operating power 1) As a general rule, only a pure DC power supply should be used for the coil drive. 2) To ensure proper operation, the voltage applied to both terminals of the coil should be 5% (at 20C 68F) the rated operating voltage of the coil. Also, be aware that the pick-up and drop-out voltages will fluctuate depending on the ambient temperature and operating conditions. 3) The ripple factor for the voltage applied to the coil should be less than 5%. 4) For set and reset latching relays, the rated operating voltage should be applied to the coil for 10 ms or more. 2. Coil connection When connecting coils, refer to the wiring diagram to prevent mis-operation or malfunction. 3. External magnetic field Since GQ relays are highly sensitive polarized relays, their characteristics will be affected by a strong external magnetic field. Avoid using the relay under that condition. 4. Cleaning In automatic cleaning, cleaning with the boiling method is recommended. Avoid ultrasonic cleaning which subject the relay to high frequency vibrations. It may cause the contacts to stick. lt is recommended that a fluorinated hydrocarbon or other alcoholic solvent be used. 5. Packing style 1) The relay is packed in a tube with the relay orientation mark on the left side, as shown in the figure below.
Orientation (indicates PIN No.1)stripe
2) Tape and reel packing (A type) (1)-1 Tape dimensions
mm inch
Relay polarity bar (Z type)
1.50 +0.1 dia. 0 .059 +.003dia. .0 2.0 .079 2.00dia. 4.00 .079dia. .157 1.75 .069 Max. 6.55 .256 0.40 .016
11.5 .453 24.00.3 .945.012 11.1 .437
GQ relays
12.0 .472
9.0 .354
Tape coming out direction General tolerance 0.1 mm .004 inch
(S type) (1)-2 Tape dimensions
Relay polarity bar (Z type)
1.50 +0.1 dia. 0 .059 +.003dia. .0 2.0 .079 4.0 2.00dia. .157 .079dia. 1.75 .069 11.5 .453 11.1 .437 Max. 6.55 .256 0.40 .016 24.00.3 .945.012
GQ relays
12.0 .472
7.8 .307
Tape coming out direction General tolerance 0.1 mm .004 inch
(2) Dimensions of plastic peel
mm inch
210.8 dia. .827.031 dia. 2.00.5 .079.020 1001 dia. 3.937.039 dia. 3302 dia. 12.992.079 dia. 24.4 +2 0 130.2 dia. .961 +.079 0 .512.008 dia.
2.00.2 .079.008
Stopper (green)
Stopper (red)
6. Automatic insertion To maintain the internal function of the relay, the chucking pressure should not exceed the values below. Chucking pressure in the direction A : 9.8 N {1 kgf} or less Chucking pressure in the direction B : 9.8 N {1 kgf} or less Chucking pressure in the direction C : 9.8 N {1 kgf} or less
A C B
Orientation (indicates PIN No.1)stripe
Stopper (green)
Stopper (red)
Please chuck the portion. Avoid chucking the center of the relay. In addition, excessive chucking pressure to the pinpoint of the relay should be also avoided.
For Cautions for Use, see Relay Technical Information (Page 48 to 76).
9/1/2000 132
,,, ,
All Rights Reserved, (c) Copyright Matsushita Electric Works, Ltd. Go To Online Catalog


▲Up To Search▲   

 
Price & Availability of AGQ200A4HZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X